Part Number Hot Search : 
B44066 C1334 2SB1417 BA7046F M61084FP RU5024 C1334 GM3842
Product Description
Full Text Search
 

To Download FDSD0415 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fd sd0415 inductance range: 0. 22 ~ 4 .7 ? h tolerance 0.3 (unit: mm) (unit: mm) : FDSD0415 1.5mm max. features L ? 4.2 ? 4.2 mm max. square and 1.2 mm max. height. ? magnetically shielded construction , low dc resistance. ? the use of magne tic iron powder ensure capability for large current. ? low audible core noise. ? ideal for dc - dc converter applications ? 4.2 ? 4.2 mm max. ? 2.0mm max. ? ]??? ? ?????? ? ?Q ? dc - dc `?m standard part numbers ???E type fd sd0415 (quantity/reel; 4 ,000 pcs) ? (1) S? ?? (2) ??S (3) ??NS ( 4 ) part number inductance (1) ( ? h) tolerance (%) dc resistance (2) (m ? ) max. (typ.) inductance decrease current (3) (a) max. (typ.) = 3 0% temperat ure rise current ( 4 ) ? t=40 ? c (a) max. (typ.) FDSD0415 - h - r22m=p3 0.22 ? 20 14 ( 11 ) 12 (16) 7.7 ( 9.0 ) FDSD0415 - h - r47m=p3 0.47 ? 20 18 ( 15 ) 9.0 (12) 6.1 ( 7.2 ) FDSD0415 - h - 1r0m=p3 1.0 ? 20 41 ( 34 ) 5.3 (7.1) 4.5 ( 5.3 ) FDSD0415 - h - 1r5m=p3 1.5 ? 20 47 ( 39 ) 5.0 (6.6) 3. 7 ( 4.3 ) FDSD0415 - h - 2r2m=p3 2.2 ? 20 65 ( 54 ) 4.1 (5.4) 3.1 ( 3.6 ) FDSD0415 - h - 3r3m=p3 3.3 ? 20 95 (79) 3.4 (4.5) 2. 6 ( 3.1 ) FDSD0415 - h - 4r7m=p3 4.7 ? 20 120 ( 100 ) 2.9 (3.9) 2.1 (2. 5 ) (1) inductance is measured with a lcr meter 4284a (agilen t technologies) or equivalent. test frequency at 100 k hz (2) dc resistance is measured with 34420a (agilent technologies) or 3541(hioki). (reference ambient temperature 25c) (3) inductance decrease current based upon 3 0% inductance reduction from the initi al value (4) temperature rise current based upon 40c temperature rise. (reference ambient temperature 25c) (5) absolute maximum voltage 3 0v dc . notice: please be sure that you carefully discuss your planned purchase with our sales division if you intend to use the product for business use etc. is severe. (1) ?? lcr ` 4284a agilent technologies ????y? y? 100 k hz (2) ???y 34420a agilent technologies ? 3541 hioki ???y??? 25c (3) ??S??r?? ? 30 % p?? (4) ??NS?? 40c ?N? ?? 25c ??? (5) ~?R 3 0v dc ??I?????????? ?????I???? ? l l recommended patterns ?X?` metal alloy inductors ??? ?


▲Up To Search▲   

 
Price & Availability of FDSD0415

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X